Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7755ARSZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7755ARSZ
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7755ARSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7755ARSZ Datasheet HTML 6Page - Analog Devices ADE7755ARSZ Datasheet HTML 7Page - Analog Devices ADE7755ARSZ Datasheet HTML 8Page - Analog Devices ADE7755ARSZ Datasheet HTML 9Page - Analog Devices ADE7755ARSZ Datasheet HTML 10Page - Analog Devices ADE7755ARSZ Datasheet HTML 11Page - Analog Devices ADE7755ARSZ Datasheet HTML 12Page - Analog Devices ADE7755ARSZ Datasheet HTML 13Page - Analog Devices ADE7755ARSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADE7755
Rev. A | Page 10 of 20
–9
–3
–15
3
9
16
14
12
10
8
6
4
2
0
15
GAIN = 1
TEMPERATURE = 25°C
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –9.78871
MAXIMUM: 7.2939
MEAN: –1.73203
STD. DEV: 3.61157
CH1 OFFSET (mV)
–9
–3
–15
3
9
30
25
20
15
10
5
0
15
GAIN = 8
TEMPERATURE = 25°C
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –2.48959
MAXIMUM: 5.81126
MEAN: –1.26847
STD. DEV: 1.57404
CH1 OFFSET (mV)
Figure 16. Channel 1 Offset Distribution (Gain = 1)
Figure 19. Channel 1 Offset Distribution (Gain = 8)
–9
–3
–15
3
9
18
14
16
12
10
8
6
4
2
0
15
GAIN = 2
TEMPERATURE = 25°C
DISTRIBUTION
CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –5.61779
MAXIMUM: 6.40821
MEAN: –0.01746
STD. DEV: 2.35129
CH1 OFFSET (mV)
–9
–3
–15
3
9
35
30
25
20
10
15
5
0
15
GAIN = 16
TEMPERATURE = 25°C
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –1.96823
MAXIMUM: 5.71177
MEAN: –1.48279
STD. DEV: 1.47802
CH1 OFFSET (mV)
Figure 17. Channel 1 Offset Distribution (Gain = 2)
Figure 20. Channel 1 Offset Distribution (Gain = 16)
0.1
0.01
1
10
0.5
0.4
0.3
0.2
FULL-SCALE CURRENT (%)
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
100
5V
4.75V
5.25V
0.1
0.01
1
10
0.5
0.4
0.3
0.2
FULL-SCALE CURRENT (%)
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
100
4.75V
5.25V
5V
Figure 18. PSR with Internal Reference (Gain = 16)
Figure 21. PSR with External Reference (Gain = 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com