Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ARTZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR381ARTZ-R2
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR381ARTZ-R2 Datasheet HTML 3Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 4Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 5Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADR380/ADR381
Rev. C | Page 7 of 16
VIN = 5V
VIN = 3V
TEMPERATURE (°C)
0
10
20
40
50
60
70
30
ILOAD = 0mA TO 5mA
–40
–15
10
35
60
85
Figure 8. ADR380 Load Regulation vs. Temperature
TEMPERATURE (°C)
0
10
20
40
50
60
70
30
–40
–15
10
35
60
85
VIN = 5V
VIN = 3.5V
ILOAD = 5mA
Figure 9. ADR381 Load Regulation vs. Temperature
VIN = 2.5V TO 15V
TEMPERATURE (°C)
0
1
2
4
5
3
–40
–15
10
35
60
85
Figure 10. ADR380 Line Regulation vs. Temperature
VIN = 2.8V TO 15V
TEMPERATURE (°C)
0
1
2
4
5
3
–40
–15
10
35
60
85
Figure 11. ADR381 Line Regulation vs. Temperature
–40°C
LOAD CURRENT (mA)
0
0.2
0.4
0.6
0.8
+85°C
+25°C
012
345
Figure 12. ADR380 Minimum Input/Output Differential Voltage vs.
Load Current
LOAD CURRENT (mA)
0
0.2
0.4
0.6
0.8
012
345
–40°C
+85°C
+25°C
Figure 13. ADR381 Minimum Input/Output Differential Voltage vs.
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com