Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP279GS Datasheet(PDF) 4 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 4 Page - Analog Devices

  OP279GS Datasheet HTML 1Page - Analog Devices OP279GS Datasheet HTML 2Page - Analog Devices OP279GS Datasheet HTML 3Page - Analog Devices OP279GS Datasheet HTML 4Page - Analog Devices OP279GS Datasheet HTML 5Page - Analog Devices OP279GS Datasheet HTML 6Page - Analog Devices OP279GS Datasheet HTML 7Page - Analog Devices OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP179/OP279
–4–
REV. G
160
0
2.5
40
20
–2.5
80
60
100
120
140
1.5
0.5
–0.5
–1.5
INPUT OFFSET – mV
VS
5V
TA
25 C
620
OP AMPS
TPC 1. Input Offset Distribution
COMMON-MODE VOLTAGE – Volts
3.0
0
5
1.5
0.5
1
1.0
0
2.5
2.0
4
3
2
VS
5V
TA
25 C
TPC 4. Offset Voltage vs.
Common-Mode Voltage
1000
0
100
600
200
–25
400
–50
800
75
50
25
0
TEMPERATURE – C
RL
2k
RL
1k
VS
15V
0.3
VOUT
4.7V
TPC 7. Open-Loop Gain vs.
Temperature
VS
5V
VCM
2.5V
90
40
100
70
50
–25
60
–50
80
75
50
25
0
TEMPERATURE – C
–ISC
+ISC
TPC 2. Short-Circuit Current vs.
Temperature
VS
5V
100
50
100
80
60
–25
70
–50
90
75
50
25
0
TEMPERATURE – C
–ISC
+ISC
TPC 5. Short-Circuit Current vs.
Temperature
5
0
100
3
1
–25
2
–50
4
75
50
25
0
TEMPERATURE – C
VS
5V
RL
1k
CL
+1nF
+EDGE
–EDGE
TPC 8. Slew Rate vs.
Temperature
400
–400
5
–200
–300
1
0
0
–100
100
200
300
4
3
2
+85 C
+25 C
COMMON-MODE VOLTAGE – Volts
VS
5V
–40 C
TPC 3. Input Bias Current
vs. Common-Mode Voltage
COMMON-MODE VOLTAGE – Volts
7
0
5
3
1
1
2
0
6
4
5
4
3
2
VS
5V
TA
25 C
TPC 6. Bandwidth vs.
Common-Mode Voltage
PHASE
GAIN
40
–40
100
1k
10M
1M
100k
10k
60
80
100
–20
0
20
90
–90
135
180
225
–45
0
45
FREQUENCY – Hz
120
270
VS
2.5V
TA
–40 C
RL
2k
TPC 9. Open-Loop Gain and
Phase vs. Frequency
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com