Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG412C/D
Description  Improved, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG412C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG412C/D Datasheet HTML 1Page - Maxim Integrated Products DG412C/D Datasheet HTML 2Page - Maxim Integrated Products DG412C/D Datasheet HTML 3Page - Maxim Integrated Products DG412C/D Datasheet HTML 4Page - Maxim Integrated Products DG412C/D Datasheet HTML 5Page - Maxim Integrated Products DG412C/D Datasheet HTML 6Page - Maxim Integrated Products DG412C/D Datasheet HTML 7Page - Maxim Integrated Products DG412C/D Datasheet HTML 8Page - Maxim Integrated Products DG412C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Improved, Quad,
SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, VGND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3:
Guaranteed by design.
Note 4:
ΔRON = ΔRON max - ΔRON min. On-resistance match between channels and flatness are guaranteed only with
bipolar-supply operation. Flatness is defined as the difference between the maximum and minimum value of on-resistance
as measured at the extremes of the specified analog signal range.
Note 5:
Off-Isolation = 20log(VD/VS), VD = output, VS = input to off switch. See Figure 5.
Note 6:
Between any two switches. See Figure 6.
Note 7:
Leakage parameters IS(OFF), ID(OFF), and ID(ON) are 100% tested at the maximum-rated hot temperature and guaranteed
by correlation at +25°C.
-5
5
TA = +25°C
TA = TMAX
-5
5
TA = TMAX
-5
5
TA = TMAX
315
TA = TMIN to TMAX
-5
5
TA = TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
CONDITIONS
pC
510
CL = 1.0nF,
VGEN = 0V,
RGEN = 0V,
Figure 4
Q
Charge Injection
(Note 3)
ns
25
DG413 only,
RL = 300
Ω, CL = 35pF,
Figure 3
tD
Break-Before-Make Time Delay
VS = 8V,
Figure 2
VS = 8V,
Figure 2
All channels on or off,
VL = 5.25V,
VIN = 0V or 5V
All channels on or off,
V+ = 13.2V,
VIN = 0V or 5V
All channels on or off,
VL = 5.25V,
VIN = 0V or 5V
All channels on or off,
V+ = 13.2V,
VIN = 0V or 5V
V+ = 10.8V,
VD = 3.8V,
IS = -10mA
ns
140
tOFF
Turn-Off Time
40
80
95
125
tON
ns
175
250
V
012
VANALOG
Turn-On Time
µA
-1
-0.0001
1
IGND
Analog Signal Range
Ground Current
µA
-1
0.0001
1
I-
Negative Supply Current
µA
-1
0.0001
1
IL
µA
-1
0.0001
1
I+
Positive Supply Current
Logic Supply Current
Ω
100
RDS(ON)
Drain-Source On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
SWITCH
SUPPLY
DYNAMIC
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com