Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG413C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG413C/D
Description  Improved, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG413C/D Datasheet HTML 2Page - Maxim Integrated Products DG413C/D Datasheet HTML 3Page - Maxim Integrated Products DG413C/D Datasheet HTML 4Page - Maxim Integrated Products DG413C/D Datasheet HTML 5Page - Maxim Integrated Products DG413C/D Datasheet HTML 6Page - Maxim Integrated Products DG413C/D Datasheet HTML 7Page - Maxim Integrated Products DG413C/D Datasheet HTML 8Page - Maxim Integrated Products DG413C/D Datasheet HTML 9Page - Maxim Integrated Products DG413C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Improved, Quad,
SPST Analog Switches
6
_______________________________________________________________________________________
__________Applications Information
Operation with Supply Voltages
Other Than 15V
Using supply voltages other than 15V will reduce the
analog signal range. The DG411/DG412/DG413 switch-
es operate with ±4.5V to ±20V bipolar supplies or with
a +10V to +30V single supply; connect V- to 0V when
operating with a single supply. Also, all device types
can operate with unbalanced supplies such as +24V
and -5V. VL must be connected to +5V to be TTL com-
patible, or to V+ for CMOS-logic level inputs. The
Typical Operating Characteristics graphs show typical
on-resistance with ±15V, ±10V, and ±5V supplies.
(Switching times increase by a factor of two or more for
operation at ±5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by VL, V-, and
logic inputs. If power-supply sequencing is not possi-
ble, add two small, external signal diodes in series with
supply pins for overvoltage protection (Figure 1).
Adding diodes reduces the analog signal range to 1V
below V+ and 1V below V-, without affecting low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between
V+ and V- should not exceed +44V.
V+
S
V-
D
Vg
V+
V-
Figure 1. Overvoltage Protection Using External Blocking Diodes
Pin Description
PIN
DIP/SO/TSSOP
QFN
NAME
FUNCTION
1, 16, 9, 8
15, 14, 7, 6
IN1–IN4
Input
2, 15, 10, 7
16, 13, 8, 5
D1–D4
Analog Switch Drain Terminal
3, 14, 11, 6
1, 12, 9, 4
S1–S4
Analog Switch Source Terminal
4
2
V-
Negative-Supply Voltage Input
5
3
GND
Ground
12
10
VL
Logic Supply Voltage
13
11
V+
Positive-Supply Voltage Input—Connected to Substrate
—
—
EP
Exposed Paddle (QFN Only). Connect EP to V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com