Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65495 Datasheet(PDF) 2 Page - EPCOS

Part # B65495
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65495 Datasheet(HTML) 2 Page - EPCOS

  B65495 Datasheet HTML 1Page - EPCOS B65495 Datasheet HTML 2Page - EPCOS B65495 Datasheet HTML 3Page - EPCOS B65495 Datasheet HTML 4Page - EPCOS B65495 Datasheet HTML 5Page - EPCOS B65495 Datasheet HTML 6Page - EPCOS B65495 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Miniature pot cores
■
The unit can be fixed to the terminal
carrier by glue
■
Space requirements of the inductor 5
 5.1 mm
(without terminals)
■
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 2.7 mm–1
le
= 7.6 mm
Ae
= 2.8 mm2
Ve
= 21.3 mm3
Approx. weight 0.17 g/set
Ungapped
Material
AL value
nH
e
Ordering code
-B with center hole
M33
200 +40/–30%
430
B65495B0000Y033
N30
800 +40/–30%
1730
B65495B0000Y030
B65495
Core
P 4.6
 4.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com