Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-4031BA Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS-4031BA
Description  The LTS-4301B is a 0.4 inch 10.0mm digit height single digit seven-segent display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-4031BA Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS-4031BA Datasheet HTML 1Page - Lite-On Technology Corporation LTS-4031BA Datasheet HTML 2Page - Lite-On Technology Corporation LTS-4031BA Datasheet HTML 3Page - Lite-On Technology Corporation LTS-4031BA Datasheet HTML 4Page - Lite-On Technology Corporation LTS-4031BA Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#$



;-<..5/2-< -1-2
?
&
-/C$<;/<07<<-2-< -1-2
72663-:.73.-&02
?

277.$<;/<07<<-2-< -1-2
-</21-/<$<= -< -1-2

=


-4-<.-*32/1--< -1-2

*
5-</21-5-</27<-/1-
2DA
2</1--5-</27<-/1-
2DA
30-<-5-</27<-/E=? </E.-/2?F?G9-3;.-/2153/-
%&!"#$

       
4-</1-77.!2-.26
!
= ?
µ0
!H
-/C..&/4-3-12
λ5
=A

!H=
5-2</3-"/3 &02
∆λ
?

!H=
/2&/4-3-12
λ0
??

!H=
$<;/<0*32/1--< -1-2
*
A

*
!H=
-4-<.-7<<-2-< -1-2
!

µ*H*
77.!2-.26%/21/2
! 
=
!H
2- 77. 2-.26 . -/.7<-0 ;2 / 312 .-.< /0 32-< 9/2 2/2
/55<E/2-.2-!.!2-</2/3--I3/</1- -6- <-.5.-7<4-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com