Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65523 Datasheet(PDF) 3 Page - EPCOS

Part # B65523
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65523 Datasheet(HTML) 3 Page - EPCOS

  B65523 Datasheet HTML 1Page - EPCOS B65523 Datasheet HTML 2Page - EPCOS B65523 Datasheet HTML 3Page - EPCOS B65523 Datasheet HTML 4Page - EPCOS B65523 Datasheet HTML 5Page - EPCOS B65523 Datasheet HTML 6Page - EPCOS B65523 Datasheet HTML 7Page - EPCOS B65523 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Vectra E 130i E106764 (M), POLYPLASTICS CO LTD
Vectra E 130i E83005 (M), TICONA
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245 °C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255 °C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Yoke
Material:
Stainless spring steel (0.1 mm)
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

Terminals
1
3.23
18.4
196
8
B65527B1008T001
Yoke
B65527A2000X000
B65527
Accessories
ER 9.5/5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com