Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65684 Datasheet(PDF) 4 Page - EPCOS

Part # B65684
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65684 Datasheet(HTML) 4 Page - EPCOS

  B65684 Datasheet HTML 1Page - EPCOS B65684 Datasheet HTML 2Page - EPCOS B65684 Datasheet HTML 3Page - EPCOS B65684 Datasheet HTML 4Page - EPCOS B65684 Datasheet HTML 5Page - EPCOS B65684 Datasheet HTML 6Page - EPCOS B65684 Datasheet HTML 7Page - EPCOS B65684 Datasheet HTML 8Page - EPCOS B65684 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly
■
For chassis mounting1) or printed circuit boards
■
The set comprises a yoke and a base plate
■
Fixing nuts M3 and washers are supplied
Yoke
■
Material: Brass clamping yoke (
 2.6 mm) with thread
Base plate
■
Material: Aluminum (0.6 mm)
Ordering code
Complete mounting assembly including nuts and washers
B65685A2000X000
FPM0029-8
59.8+0.3
67.8+1
M3
69 0.2
_
60.96±0.1
3.5+0.15
1) On a chassis the coil former must be mounted with its solder pins upward.
B65685
Accessories
PM 62/49



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com