Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4444NIL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AV4444NIL
Description  ONE OF THE SMALLEST SNAP-ACTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV4444NIL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AV4444NIL Datasheet HTML 1Page - Panasonic Semiconductor AV4444NIL Datasheet HTML 2Page - Panasonic Semiconductor AV4444NIL Datasheet HTML 3Page - Panasonic Semiconductor AV4444NIL Datasheet HTML 4Page - Panasonic Semiconductor AV4444NIL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AV4
PRODUCT TYPES
SPECIFICATIONS
1. Contact rating
2. Characteristics
DATA
Gold plate contact type
Range of low-level current and voltage
(Reference only)
Type of contacts
Actuator
Operating
force, Max.
Type No.
PC board terminal
Solder terminal
with mounting holes
Straight terminal
Angle terminal
Reverse angle
terminal
Silver plated contact
type
Pin plunger
0.98 N
AV4404
AV4504
AV4604
AV4004
Hinge lever
0.25 N
AV4424
AV4524
AV4624
AV4024
Simulated roller lever
0.29 N
AV4444
AV4544
AV4644
AV4044
Gold plated contact
type
Pin plunger
0.98 N
AV440461
AV450461
AV460461
AV400461
Hinge lever
0.25 N
AV442461
AV452461
AV462461
AV402461
Simulated roller lever
0.29 N
AV444461
AV454461
AV464461
AV404461
Type of contact
Resistive load (cos
φ]1)
Silver plated contact
0.5A 30V DC
Gold plated contact
0.1A 30V DC
Items
Characteristics
Life
Mechanical
Min. 3
× 105 operations (at 60 cpm)
Electrical
Silver plated contact
Min. 2
× 104 operations (0.5A 30V DC; at 20 cpm)
Gold plated contact
Min. 2
× 105 operations (0.1A 30V DC; at 20 cpm)
Insulation resistance
Min. 100 M
Ω (250V DC by insulation resistance meter)
Voltage
withstand
Between non-continuous terminals
500V AC for 1 min.
Between each terminal and other exposed metal parts
500V AC for 1 min.
Between each terminal and ground
500V AC for 1 min.
Vibration resistance
Pin plunger type
10 to 55 Hz at single amplitude of 0.75mm (contact opening: max. 1 msec.)
Lever type
10 to 55 Hz at single amplitude of 0.15mm (contact opening: max. 1 msec.)
Shock resistance
Pin plunger type
Min. 294m/s2 (contact opening: max. 1 msec.)
Lever type
Min. 147m/s2 (contact opening: max. 1 msec.)
Contact resistance (initial value)
Max. 200 m
Ω (by YHP4328A)
Allowable operation speed
0.1mm/s to 500mm/s (pin plunger type)
Mechanical max. switching frequency
60 operations/min.
Ambient temperature
–25 to +80
°C (Not freezing below 0°C)
Unit weight
PC board terminal type: Approx. 0.2g
Solder terminal with mounting holes type: Approx. 0.3g
100
200
50
10
1
0.2
0.1
5
12
24
30
DC voltage (V)
AECTB16E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com