Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECKA3D472DGP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECKA3D472DGP
Description  High Voltage Ceramic Disc Capacitors (Low loss type)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKA3D472DGP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECKA3D472DGP Datasheet HTML 1Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 2Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 3Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 4Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 5Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 6Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 7Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 8Page - Panasonic Semiconductor ECKA3D472DGP Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Disc Capacitors (Low loss type)
■ Ratings and Characteristics
● Series KGE (Class 1, Temp. Char. SL/GP, 1 kVDC to 6 kVDC)
Rated
Volt.
Cap.
in pF
Capacitance
Tolerance
(%)
Dimensions in mm
Kinked Lead Type (Bulk)
Kinked Lead Taping Type
D
max.
T
max.
Part Number
Dimensions in mm
Part Number
Taped
Type
Dimensions in mm
Fd
F
d
1 kVDC
12
±5, ±106.0
5.0
ECCA3A120 GE
5.0
0.60
ECCN3A120 GE
N0
5.0
0.60
15
±5, ±106.0
5.0
ECCA3A150 GE
5.0
0.60
ECCN3A150 GE
N0
5.0
0.60
18
±5, ±106.0
5.0
ECCA3A180 GE
5.0
0.60
ECCN3A180 GE
N0
5.0
0.60
22
±5, ±106.0
5.0
ECCA3A220 GE
5.0
0.60
ECCN3A220 GE
N0
5.0
0.60
27
±5, ±10
6.0
5.0
ECCA3A270 GE
5.0
0.60
ECCN3A270 GE
N0
5.0
0.60
33
±5, ±106.0
5.0
ECCA3A330 GE
5.0
0.60
ECCN3A330 GE
N0
5.0
0.60
39
±5, ±106.0
5.0
ECCA3A390 GE
5.0
0.60
ECCN3A390 GE
N0
5.0
0.60
47
±5, ±106.0
5.0
ECCA3A470 GE
5.0
0.60
ECCN3A470 GE
N0
5.0
0.60
56
±5, ±106.0
5.0
ECCA3A560 GE
5.0
0.60
ECCN3A560 GE
N0
5.0
0.60
68
±5, ±106.0
5.0
ECCA3A680 GE
5.0
0.60
ECCN3A680 GE
N0
5.0
0.60
82
±5, ±106.0
5.0
ECCA3A820 GE
5.0
0.60
ECCN3A820 GE
N0
5.0
0.60
100
±5, ±10
7.0
5.0
ECCA3A101 GE
5.0
0.60
ECCN3A101 GE
N0
5.0
0.60
120
±5, ±10
7.0
5.0
ECCA3A121 GE
5.0
0.60
ECCN3A121 GE
N0
5.0
0.60
150
±5, ±10
8.0
5.0
ECCA3A151 GE
5.0
0.60
ECCN3A151 GE
N0
5.0
0.60
180
±5, ±10
8.0
5.0
ECCA3A181 GE
5.0
0.60
ECCN3A181 GE
N0
5.0
0.60
220
±5, ±10
9.0
5.0
ECCA3A221 GE
5.0
0.60
ECCN3A221 GE
N0
5.0
0.60
270
±5, ±10
9.0
5.0
ECCA3A271 GE
5.0
0.60
ECCN3A271 GE
N0
5.0
0.60
330
±5, ±10
11.0
5.0
ECCA3A331 GE
5.0
0.60
ECCN3A331 GE
N0
5.0
0.60
390
±5, ±10
11.0
5.0
ECCA3A391 GE
5.0
0.60
ECCN3A391 GE
N0
5.0
0.60
470
±5, ±10
13.0
5.0
ECCA3A471 GE
7.5
0.65
ECCN3A471 GE
N1
7.5
0.65
2 kVDC
12
±5, ±107.0
5.5
ECCA3D120 GE
7.5
0.65
ECCN3D120 GE
N1
7.5
0.65
15
±5, ±107.0
5.5
ECCA3D150 GE
7.5
0.65
ECCN3D150 GE
N1
7.5
0.65
18
±5, ±107.0
5.5
ECCA3D180 GE
7.5
0.65
ECCN3D180 GE
N1
7.5
0.65
22
±5, ±107.0
5.5
ECCA3D220 GE
7.5
0.65
ECCN3D220 GE
N1
7.5
0.65
27
±5, ±10
7.0
5.5
ECCA3D270 GE
7.5
0.65
ECCN3D270 GE
N1
7.5
0.65
33
±5, ±107.0
5.5
ECCA3D330 GE
7.5
0.65
ECCN3D330 GE
N1
7.5
0.65
39
±5, ±107.0
5.5
ECCA3D390 GE
7.5
0.65
ECCN3D390 GE
N1
7.5
0.65
47
±5, ±107.0
5.5
ECCA3D470 GE
7.5
0.65
ECCN3D470 GE
N1
7.5
0.65
56
±5, ±107.0
5.5
ECCA3D560 GE
7.5
0.65
ECCN3D560 GE
N1
7.5
0.65
68
±5, ±107.0
5.5
ECCA3D680 GE
7.5
0.65
ECCN3D680 GE
N1
7.5
0.65
82
±5, ±107.0
5.5
ECCA3D820 GE
7.5
0.65
ECCN3D820 GE
N1
7.5
0.65
100
±5, ±10
8.0
5.5
ECCA3D101 GE
7.5
0.65
ECCN3D101 GE
N1
7.5
0.65
120
±5, ±10
8.0
5.5
ECCA3D121 GE
7.5
0.65
ECCN3D121 GE
N1
7.5
0.65
150
±5, ±10
9.0
5.5
ECCA3D151 GE
7.5
0.65
ECCN3D151 GE
N1
7.5
0.65
180
±5, ±10
10.0
5.5
ECCA3D181 GE
7.5
0.65
ECCN3D181 GE
N1
7.5
0.65
220
±5, ±10
10.0
5.5
ECCA3D221 GE
7.5
0.65
ECCN3D221 GE
N1
7.5
0.65
3 kVDC
12
±5, ±107.0
6.0
ECCA3F120 GE
7.5
0.65
ECCN3F120 GE
N1
7.5
0.65
15
±5, ±107.0
6.0
ECCA3F150 GE
7.5
0.65
ECCN3F150 GE
N1
7.5
0.65
18
±5, ±107.0
6.0
ECCA3F180 GE
7.5
0.65
ECCN3F180 GE
N1
7.5
0.65
22
±5, ±107.0
6.0
ECCA3F220 GE
7.5
0.65
ECCN3F220 GE
N1
7.5
0.65
27
±5, ±10
7.0
6.0
ECCA3F270 GE
7.5
0.65
ECCN3F270 GE
N1
7.5
0.65
33
±5, ±107.0
6.0
ECCA3F330 GE
7.5
0.65
ECCN3F330 GE
N1
7.5
0.65
39
±5, ±107.0
6.0
ECCA3F390 GE
7.5
0.65
ECCN3F390 GE
N1
7.5
0.65
47
±5, ±107.0
6.0
ECCA3F470 GE
7.5
0.65
ECCN3F470 GE
N1
7.5
0.65
56
±5, ±108.0
6.0
ECCA3F560 GE
7.5
0.65
ECCN3F560 GE
N1
7.5
0.65
68
±5, ±108.0
6.0
ECCA3F680 GE
7.5
0.65
ECCN3F680 GE
N1
7.5
0.65
82
±5, ±109.0
6.0
ECCA3F820 GE
7.5
0.65
ECCN3F820 GE
N1
7.5
0.65
100
±5, ±1010.06.0
ECCA3F101 GE
7.5
0.65
ECCN3F101 GE
N1
7.5
0.65
120
±5, ±1010.06.0
ECCA3F121 GE
7.5
0.65
ECCN3F121 GE
N1
7.5
0.65
150
±5, ±10
11.0
6.0
ECCA3F151 GE
7.5
0.65
ECCN3F151 GE
N1
7.5
0.65
Note :
···Capacitance Tolerance Code J (± 5%) or K (± 10%)
Feb. 2006
Discontinued



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com