Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFK1A472AM Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEEFK1A472AM
Description  Aluminum Electrolytic Capacitors/Medium-size FK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1A472AM Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEEFK1A472AM Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1A472AM Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1A472AM Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1A472AM Datasheet HTML 4Page - Panasonic Semiconductor EEEFK1A472AM Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
■ High temperature Lead-Free reflow
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
22
45.8
B
90
1.35
0.26
EEEFK0J220AR
(5)
2000
47
4
5.8
(B)
90
1.35
0.26
EEEFKJ470UAR
(5)
2000
5
5.8
C
160
0.70
0.26
EEEFK0J470AR
(5)
1000
100
5
5.8
(C)
160
0.70
0.26
EEEFKJ101UAR
(5)
1000
6.3
5.8
D
240
0.36
0.26
EEEFK0J101AP
(5)
1000
220
6.3
5.8
D
240
0.36
0.26
EEEFK0J221AP
(5)
1000
330
6.3
7.7
D8
280
0.34
0.26
EEEFKJ331XAP
(5)
900
8
6.2
E
300
0.26
0.26
EEEFK0J331AP
(6)
1000
470
8
10.2F
600
0.16
0.26
EEEFK0J471AP
(6)
500
1000
8
10.2F
600
0.16
0.26
EEEFK0J102AP
(6)
500
1500
10
10.2
G
850
0.08
0.26
EEEFK0J152AP
(6)
500
10
22
45.8
B
90
1.35
0.19
EEEFK1A220AR
(5)
2000
33
4
5.8
(B)
90
1.35
0.19
EEEFKA330UAR
(5)
2000
5
5.8
C
160
0.70
0.19
EEEFK1A330AR
(5)
1000
150
6.3
5.8
D
240
0.36
0.19
EEEFK1A151AP
(5)
1000
220
6.3
7.7
D8
280
0.34
0.19
EEEFKA221XAP
(5)
900
8
6.2
E
300
0.26
0.19
EEEFK1A221AP
(6)
1000
330
8
10.2F
600
0.160.19
EEEFK1A331AP
(6)
500
470
8
10.2F
600
0.160.19
EEEFK1A471AP
(6)
500
680
8
10.2F
600
0.160.19
EEEFK1A681AP
(6)
500
1000
10
10.2
G
850
0.08
0.19
EEEFK1A102AP
(6)
500
16
10
45.8
B
90
1.35
0.16
EEEFK1C100AR
(5)
2000
22
4
5.8
(B)
90
1.35
0.16
EEEFKC220UAR
(5)
2000
5
5.8
C
160
0.70
0.16
EEEFK1C220AR
(5)
1000
47
5
5.8
(C)
160
0.70
0.16
EEEFKC470UAR
(5)
1000
6.3
5.8
D
240
0.36
0.16
EEEFK1C470AP
(5)
1000
68
6.3
5.8
D
240
0.36
0.16
EEEFK1C680AP
(5)
1000
100
6.3
5.8
D
240
0.36
0.16
EEEFK1C101AP
(5)
1000
150
6.3
7.7
D8
280
0.34
0.16
EEEFKC151XAP
(5)
900
220
6.3
7.7
D8
280
0.34
0.16
EEEFKC221XAP
(5)
900
8
6.2
E
300
0.26
0.16
EEEFK1C221AP
(6)
1000
330
8
10.2F
600
0.160.16
EEEFK1C331AP
(6)
500
470
8
10.2F
600
0.160.16
EEEFK1C471AP
(6)
500
680
10
10.2
G
850
0.08
0.16
EEEFK1C681AP
(6)
500
25
10
45.8
B
90
1.35
0.14
EEEFK1E100AR
(5)
2000
22
5
5.8
C
160
0.70
0.14
EEEFK1E220AR
(5)
1000
33
5
5.8
(C)
160
0.70
0.14
EEEFKE330UAR
(5)
1000
6.3
5.8
D
240
0.36
0.14
EEEFK1E330AP
(5)
1000
47
6.3
5.8
D
240
0.36
0.14
EEEFK1E470AP
(5)
1000
68
6.3
5.8
D
240
0.36
0.14
EEEFK1E680AP
(5)
1000
100
6.3
7.7
D8
280
0.34
0.14
EEEFKE101XAP
(5)
900
8
6.2
E
300
0.26
0.14
EEEFK1E101AP
(6)
1000
150
8
10.2F
600
0.160.14
EEEFK1E151AP
(6)
500
220
8
10.2F
600
0.160.14
EEEFK1E221AP
(6)
500
330
8
10.2F
600
0.160.14
EEEFK1E331AP
(6)
500
470
10
10.2
G
850
0.08
0.14
EEEFK1E471AP
(6)
500
35
4.7
4
5.8
B
90
1.35
0.12
EEEFK1V4R7AR
(5)
2000
10
4
5.8
(B)
90
1.35
0.12
EEEFKV100UAR
(5)
2000
5
5.8
C
160
0.70
0.12
EEEFK1V100AR
(5)
1000
22
5
5.8
C
160
0.70
0.12
EEEFK1V220AR
(5)
1000
33
6.3
5.8
D
240
0.36
0.12
EEEFK1V330AP
(5)
1000
47
6.3
5.8
D
240
0.36
0.12
EEEFK1V470AP
(5)
1000
68
6.3
7.7
D8
280
0.34
0.12
EEEFKV680XAP
(5)
900
100
8
10.2F
600
0.160.12
EEEFK1V101AP
(6)
500
150
8
10.2F
600
0.160.12
EEEFK1V151AP
(6)
500
220
8
10.2F
600
0.160.12
EEEFK1V221AP
(6)
500
330
10
10.2
G
850
0.08
0.12
EEEFK1V331AP
(6)
500
✽Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
J, 1A
A, 1C
C, 1E
E, 1V
V
The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
Endurance : 105 °C 2000 h
Jul. 2008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com