Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS36 Datasheet(PDF) 1 Page - CUI INC

Part # MAS36
Description  Incremental Encoder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAS36 Datasheet(HTML) 1 Page - CUI INC

  MAS36 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.000
+0.000
36.0
- 0.01
+0.01
1.417
-
0.5
0.079
2.0
0.295
7.5
0.217
0.020
5.5
30.0 1.181
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/30/2007
APPROVED BY:
DRAWN BY:
PC FILE NAME:
UNITS:
PART NO.
1:1
SCALE:
JMS
Incremental Encoder
BY CUI INC.
TITLE:
MM [INCHES]
MAS36
MAS36
COPYRIGHT 2007
REV:
NC
2
Green/Black
NC
Purple
4
Purple/Black
Red/Black
NC
Green
2
8
Blue
Cable Color
Output Type
Output Type
Cable Color
Brown
Brown/Black
2
1
Orange
2
3
2
6
±0.3mm UNLESS OTHERWISE
2
5
SPECIFIED
TOLERANCE:
2
A
Website: www.cui.com
RoHS
Black
Fax: 503-612-2383
9
0V
0V
Black
Blue/Black
2
0
2
2
Orange/Black
Yellow
Power
Red
Yellow/Black
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
2
7
arrangement
3-M3 depth 5 equal
Cable L=1m
0.551
14.0
0.236
6.0
6.0
- 0.015
0.000
0.236
- 0.001
+0.000
1.181
42.0
46.0
0.118
30.0
1.654
1.811
3.0
10.0 0.394


Similar Part No. - MAS36

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MAS3690CC DYNEX-MAS3690CC Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
MAS3690CD DYNEX-MAS3690CD Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
MAS3690CE DYNEX-MAS3690CE Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
MAS3690CL DYNEX-MAS3690CL Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
MAS3690FC DYNEX-MAS3690FC Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
More results

Similar Description - MAS36

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com