Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS17 Datasheet(PDF) 1 Page - CUI INC

Part # MAS17
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAS17 Datasheet(HTML) 1 Page - CUI INC

  MAS17 Datasheet HTML 1Page - CUI INC MAS17 Datasheet HTML 2Page - CUI INC MAS17 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: absolute encoder
1 of 3
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MAS17
ELECTRICAL SPECIFICATIONS
output signals
G: gray code, N: natural binary, B: BCD (1000ppr only)
output circuit
NPN open collector
logic
negative logic (H=0, L=1)
current consumption
70mA or less (under no load)
frequency response
20 KHz
supply voltage
5 V dc ± 5%
output resolution (ppr)
256 (8 bit), 512 (9 bit), 1000, 1024 (10 bit)
max ouput current
sink current each bit 4mA (output voltage resistance 7V)
MECHANICAL SPECIFICATIONS
max shaft loading, radial:
1.9N (200gf)
thrust:
1.9N (200gf)
max rotational speed
6000 RPM
shock resistance
500m/s2 (50g), X, Y, Z each 3 times
vibration proof
55 Hz / 1.5mm 2h each X, Y, Z
weight
30g (with 300mm cable)
cable
256: outside diameter 3mm, 10-core vinyl wire insulated shield cable
(length 1m)
1024: vinyl wire (AWG32) cable length 300mm
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +70° C
storage temp
-20° to +80° C
humidity
RH 35%~ 90%, non collecting
ORDERING INSTRUCTIONS
MAS17 - XXXX-X1
Output Type:
G = Gray Code
N = Natural Binary
B = BCD (1000ppr only)
Resolution (PPR):
256 = 256 PPR
512 = 512 PPR
1000 = 1000 PPR
1024 = 1024 PPR


Similar Part No. - MAS17

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016B MAS-MAS1016B Datasheet
203Kb / 10P
AM Receiver IC
More results

Similar Description - MAS17

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
ASS58-0 PF-ASS58-0 Datasheet
351Kb / 7P
Singleturn absolute encoder
AVM58-H PF-AVM58-H Datasheet
431Kb / 8P
Multiturn absolute encoder
AVM78E PF-AVM78E Datasheet
508Kb / 5P
Multiturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com