Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65840 Datasheet(PDF) 4 Page - EPCOS

Part # B65840
Description  Ferrites and accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65840 Datasheet(HTML) 4 Page - EPCOS

  B65840 Datasheet HTML 1Page - EPCOS B65840 Datasheet HTML 2Page - EPCOS B65840 Datasheet HTML 3Page - EPCOS B65840 Datasheet HTML 4Page - EPCOS B65840 Datasheet HTML 5Page - EPCOS B65840 Datasheet HTML 6Page - EPCOS B65840 Datasheet HTML 7Page - EPCOS B65840 Datasheet HTML 8Page - EPCOS B65840 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code green
B65840B1006D001: Sumikon PM 9630® E41429 (M), color code black,
SUMITOMO BAKELITE CO LTD
B65840B1006D002: Vyncolit/X611® E167521 (M), VYNCOLIT NV
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Squared pins.
Cap yoke
With ground terminal, made of stainless spring steel (tinned), 0.25 mm thick
Coil former
Cap yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

Terminals
1
4.7
17.7
128.7
6
B65840B1006D001
2
4.2
17.7
143.8
6
B65840B1006D002
Cap yoke
B65840D2000X000
B65840
Accessories
EP 7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com