Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65933 Datasheet(PDF) 2 Page - EPCOS

Part # B65933
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65933 Datasheet(HTML) 2 Page - EPCOS

  B65933_13 Datasheet HTML 1Page - EPCOS B65933_13 Datasheet HTML 2Page - EPCOS B65933_13 Datasheet HTML 3Page - EPCOS B65933_13 Datasheet HTML 4Page - EPCOS B65933_13 Datasheet HTML 5Page - EPCOS B65933_13 Datasheet HTML 6Page - EPCOS B65933_13 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core
■
To IEC 62323
■
Recommended for new designs
■
For inductive proximity switches
■
Material N22 for the frequency
range from about 80 to 800 kHz
■
Material M33 for higher
frequencies up to about 1.6 MHz
Coil former with positioning lug
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0® E45329 (M), GE PLASTICS B V
Material
Approx. weight
g
Ordering code
N22
0.3
B65933A0000X022
M33
0.3
B65933A0000X033
AN
mm2
lN
mm
AR value

Ordering code
2.2
14.6
240
B65512C0000T001
Positioning lug
B65933, B65512
PS 7.35
 3.6 through P core half 150  30
Core and accessories
PS 7.35
 3.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com