Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9700 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9700
Description  Signal Conditioning IC for Optical Proximity Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9700 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Min.
Max.
Units
Conditions
Supply Voltage
VCC
0
4.5
V
Input Logic Voltage
Vi
0
4.5
V
Reflow Soldering Temperature
260
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
-40
105
°C
Storage Temperature
Ts
-40
125
°C
Supply Voltage
VCC
2.4
3.6
V
Electrical & Optical Specifications (Ta=25°C)
Parameters
Symbol
Minimum
Typical
Maximum Units
Conditions
Input
Logic High Voltage, LEDON
VIH
1.6
Vcc
V
Logic High Voltage, ENB
VIH
1.4
Vcc
V
For Vcc = 2.4V
1.5
Vcc
V
For 2.4V < Vcc
d 3V
1.7
Vcc
V
For 3V < Vcc
d 3.6V
Logic Low Voltage, LEDON
VIL
0
0.3
V
Logic Low Voltage, ENB
VIL
0
0.3
V
Logic High Input Current, LEDON
IIH
0.1
1
uA
VI ≥ VIH
Logic High Input Current, ENB
IIH
0.1
1
μA
VI ≥ VIH
Logic Low Input Current, LEDON
IIL
0.1
1
μA
VI ≤ VIL
Logic Low Input Current, ENB
IIL
0.1
1
μA
VI ≤ VIL
Shutdown Current
ISD
0.3
1
μA
Vcc=3V, ENB=3V
Idle Current
Icc
500
650
μA
Vcc=3V, ENB=0V
Output
Digital Output
VOL
0
0.3
V
IDOUT(Low) = 2mA, Vcc = 3V
Rise Time(DOUT)
TR
1
us
Vcc = 3V, R2 = 10kΩ, Frequency = 10kHz
Fall Time(DOUT)
TF
1
us
Vcc = 3V, R2 = 10kΩ, Frequency = 10kHz
Transmitter
Rise Time (LEDA)
TR
40
ns
Vcc = 3V , ILED = 120mA, Freq = 10kHz
Fall Time (LEDA)
TF
40
ns
Vcc = 3V , ILED = 120mA, Freq = 10kHz
Max ILED Pulse Width
Max-PW
120
μs
Vcc=3V, ENB=0V
ILED Pulse Current
ILED
120
300
mA
Vcc=3V, R1 = 10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com