Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65949 Datasheet(PDF) 2 Page - EPCOS

Part # B65949
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65949 Datasheet(HTML) 2 Page - EPCOS

  B65949 Datasheet HTML 1Page - EPCOS B65949 Datasheet HTML 2Page - EPCOS B65949 Datasheet HTML 3Page - EPCOS B65949 Datasheet HTML 4Page - EPCOS B65949 Datasheet HTML 5Page - EPCOS B65949 Datasheet HTML 6Page - EPCOS B65949 Datasheet HTML 7Page - EPCOS B65949 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Large-volume pot core
■
Unground core for inductive proximity
switches with wide operating distances
■
Application examples:
– Rotary transformers for non-contact
power and information transmission
– Inductive power transmission
(non-contact charging of electric cars)
■
Options:
a) Ground version for transformers
up to 30 kW
b) Core height up to 45 mm for
transformers up to 100 kW
Magnetic characteristics for option a)
(per set)
l/A = 0.044 mm–1
le
= 160 mm
Ae
= 3580 mm2
Amin = 2800 mm2
Ve
= 566000 mm3
Material
Approx. weight
g
Ordering code
N27
1700
B65949A0000X027
B65949
Core
P core half 150
 30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com