Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66233 Datasheet(PDF) 2 Page - EPCOS

Part # B66233
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66233 Datasheet(HTML) 2 Page - EPCOS

  B66233 Datasheet HTML 1Page - EPCOS B66233 Datasheet HTML 2Page - EPCOS B66233 Datasheet HTML 3Page - EPCOS B66233 Datasheet HTML 4Page - EPCOS B66233 Datasheet HTML 5Page - EPCOS B66233 Datasheet HTML 6Page - EPCOS B66233 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.76 mm–1
le
= 74 mm
Ae
= 97 mm2
Amin = 95 mm2
Ve
= 7187 mm3
Approx. weight 37 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information” )
Validity range:
K1, K2: 0.10 mm < s < 2.50 mm
K3, K4: 90 nH < AL < 800 nH
Material
AL value
nH
e
PV
W/set
Ordering code
N87
2900 +30/–20%
1750
< 3.70 (200 mT, 100 kHz, 100 °C)
B66233G0000X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
165
–0.711
243
–0.796
223
–0.873
B66233
Core
E 32/16/11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com