Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66291K Datasheet(PDF) 2 Page - EPCOS

Part # B66291K
Description  Ferrites and accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66291K Datasheet(HTML) 2 Page - EPCOS

  B66291K Datasheet HTML 1Page - EPCOS B66291K Datasheet HTML 2Page - EPCOS B66291K Datasheet HTML 3Page - EPCOS B66291K Datasheet HTML 4Page - EPCOS B66291K Datasheet HTML 5Page - EPCOS B66291K Datasheet HTML 6Page - EPCOS B66291K Datasheet HTML 7Page - EPCOS B66291K Datasheet HTML 8Page - EPCOS B66291K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EELP 43
Combination: ELP 43/10/28 with ELP 43/10/28
■
To IEC 62317-9
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.274 mm–1
le
= 61.6 mm
Ae
= 225 mm2
Amin = 217 mm2
Ve
= 13748 mm3
Approx. weight 70 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Calculation factors (for formulas, see “E cores: general information” )
EELP 43:
Validity range:
K1, K2: 0.10 mm < s < 2.00 mm
K3, K4: 200 nH < AL < 2200 nH
Material
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
(per piece)
N49
5000
25% 1070 250
< 3.5 ( 50 mT, 500 kHz, 100 °C)
B66291G0000X149
N92
5500
25% 1170 350
< 9.0 (200 mT, 100 kHz, 100 °C)
B66291G0000X192
N87
7300
25% 1560 300
< 8.0 (200 mT, 100 kHz, 100 °C)
B66291G0000X187
N97
7500
25% 1590 310
< 7.0 (200 mT, 100 kHz, 100 °C)
B66291G0000X197
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
358
–0.794
597
–0.796
540
–0.873
ELP 43/10/28
B66291
Core (with clamp recess)
ELP 43/10/28



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com