Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66293K Datasheet(PDF) 2 Page - EPCOS

Part # B66293K
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66293K Datasheet(HTML) 2 Page - EPCOS

  B66293K Datasheet HTML 1Page - EPCOS B66293K Datasheet HTML 2Page - EPCOS B66293K Datasheet HTML 3Page - EPCOS B66293K Datasheet HTML 4Page - EPCOS B66293K Datasheet HTML 5Page - EPCOS B66293K Datasheet HTML 6Page - EPCOS B66293K Datasheet HTML 7Page - EPCOS B66293K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EELP 58
Combination: ELP 58/11/38 with ELP 58/11/38
■
To IEC 62317-9
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.26 mm–1
le
= 80.7 mm
Ae
= 310 mm2
Amin = 308 mm2
Ve
= 25000 mm3
Approx. weight 130 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Calculation factors (for formulas, see “E cores: general information” )
EELP 58:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 50 nH < AL < 500 nH
Material
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
(per piece)
N87
7400
25% 1540 300
< 15.0 (200 mT, 100 kHz, 100 °C) B66293G0000X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
521
–0.732
763
–0.796
705
–0.873
ELP 58/11/38
B66293
Core (without clamp recess)
ELP 58/11/38



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com