Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66455K Datasheet(PDF) 6 Page - EPCOS

Part # B66455K
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66455K Datasheet(HTML) 6 Page - EPCOS

Back Button B66455K Datasheet HTML 2Page - EPCOS B66455K Datasheet HTML 3Page - EPCOS B66455K Datasheet HTML 4Page - EPCOS B66455K Datasheet HTML 5Page - EPCOS B66455K Datasheet HTML 6Page - EPCOS B66455K Datasheet HTML 7Page - EPCOS B66455K Datasheet HTML 8Page - EPCOS B66455K Datasheet HTML 9Page - EPCOS B66455K Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 22
Combination:
ELP 22/6/16 with I 22/2.5/16
■
To IEC 62317-9
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.33 mm–1
le
= 26.1 mm
Ae
= 78.5 mm2
Amin = 77.9 mm2
Ve
= 2050 mm3
Approx. weight 10.5 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
** Plate-type tool type
Calculation factors (for formulas, see “E cores: general information” )
EILP 22:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 100 nH < AL < 700 nH
Mate-
rial
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
(per piece)
N49
3700
25%
960 250
< 0.50 ( 50 mT, 500 kHz, 100 °C) B66455G0000X149 (ELP core)
B66455K0000X149 (I core)**
N92
4000
25%
1050 350
< 1.38 (200 mT, 100 kHz, 100 °C) B66455G0000X192 (ELP core)
B66455K0000X192 (I core)**
N87
5200
25%
1360 300
< 1.25 (200 mT, 100 kHz, 100 °C) B66455G0000X187 (ELP core)
B66455K0000X187 (I core)**
N97
5250
25%
1390 310
< 1.00 (200 mT, 100 kHz, 100 °C) B66455G0000X197 (ELP core)
B66455K0000X197 (I core)**
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
134
–0.806
243
–0.796
206
–0.873
ELP 22/6/16
I 22/2.5/16
B66455
Core (without clamp recess)
ELP 22/6/16 with I 22/2.5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com