Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-C8G1 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C8G1
Description  0.8 Single Digit PCB Based LED Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C8G1 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C8G1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8G1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Circuit Diagram
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Red/Yellow/
Orange
Green
AlGaAs Red
Units
Power Dissipation per segment or Dot Point (DP)
PD
57.5
62.5
50
mW
Continuous Forward Current per segment
IF
25
25
25
mA
Peak Forward Current per segment
(1/10 Duty Cycle, 0.1m sec pulse width)
80
80
80
mA
Derating Linearly from 25°C per segment
0.33
0.33
0.33
mA/°C
Reverse Voltage per segment or DP
VR
5V
Operating Temperature
TO
-40 to 85
°C
Storage Temperature
TS
-40 to 85
°C
Wave solder Condition 1.6mm below body
260°C peak for 5 secs max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com