Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.5-VLVCMOS Datasheet(PDF) 6 Page - Altera Corporation

Part # 1.5-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

1.5-VLVCMOS Datasheet(HTML) 6 Page - Altera Corporation

Back Button 1.5-VLVCMOS Datasheet HTML 2Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 3Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 4Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 5Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 6Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 7Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 8Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 9Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1–6
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
OCT Specifications
Table 1–6 lists the variation of OCT without calibration across process, temperature,
and voltage.
OCT calibration is automatically performed at device power-up for OCT enabled
I/Os.
Table 1–7 lists the OCT calibration accuracy at device power-up.
Bus-hold
low,
overdrive
current
0 V < VIN < VCCIO
—
125
—
175
—
200
—
300
—
500
—
500
A
Bus-hold
high,
overdrive
current
0 V < VIN < VCCIO
—
–125
—
–175
—
–200
—
–300
—
–500
—
–500
A
Bus-hold trip
point
—
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–5:
(1) The bus-hold trip points are based on calculated input voltages from the JEDEC standard.
Table 1–5. Cyclone III Devices Bus Hold Parameter
(Part 2 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–6. Cyclone III Devices Series OCT without Calibration Specifications
Description
VCCIO (V)
Resistance Tolerance
Unit
Commercial
Max
Industrial and Automotive
Max
Series OCT without
calibration
3.0
±30
±40
%
2.5
±30
±40
%
1.8
+40
±50
%
1.5
+50
±50
%
1.2
+50
±50
%
Table 1–7. Cyclone III Devices Series OCT with Calibration at Device Power-Up Specifications
Description
VCCIO (V)
Calibration Accuracy
Unit
Commercial Max
Industrial and Automotive
Max
Series OCT with
calibration at device
power-up
3.0
±10
±10
%
2.5
±10
±10
%
1.8
±10
±10
%
1.5
±10
±10
%
1.2
±10
±10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com