Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.2-VLVCMOS Datasheet(PDF) 2 Page - Altera Corporation

Part # 1.2-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

1.2-VLVCMOS Datasheet(HTML) 2 Page - Altera Corporation

  1.2-VLVCMOS Datasheet HTML 1Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 2Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 3Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 4Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 5Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 6Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 7Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 8Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1–2
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
1 Conditions beyond those listed in Table 1–1 cause permanent damage to the device.
Additionally, device operation at the absolute maximum ratings for extended periods
of time has adverse effects on the device.
Maximum Allowed Overshoot or Undershoot Voltage
During transitions, input signals may overshoot to the voltage listed in Table 1–2 and
undershoot to –2.0 V for a magnitude of currents less than 100 mA and for periods
shorter than 20 ns. Table 1–2 lists the maximum allowed input overshoot voltage and
the duration of the overshoot voltage as a percentage over the lifetime of the device.
The maximum allowed overshoot duration is specified as percentage of high-time
over the lifetime of the device.
Table 1–1. Cyclone III Devices Absolute Maximum Ratings
(1)
Symbol
Parameter
Min
Max
Unit
VCCINT
Supply voltage for internal logic
–0.5
1.8
V
VCCIO
Supply voltage for output buffers
–0.5
3.9
V
VCCA
Supply voltage (analog) for phase-locked loop
(PLL) regulator
–0.5
3.75
V
VCCD_PLL
Supply voltage (digital) for PLL
–0.5
1.8
V
VI
DC input voltage
–0.5
3.95
V
IOUT
DC output current, per pin
–25
40
mA
VESDHBM
Electrostatic discharge voltage using the human
body model
—
±2000
V
VESDCDM
Electrostatic discharge voltage using the
charged device model
—
±500
V
TSTG
Storage temperature
–65
150
°C
TJ
Operating junction temperature
–40
125
°C
Note to Table 1–1:
(1) Supply voltage specifications apply to voltage readings taken at the device pins with respect to ground, not at the
power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com