Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C4 Datasheet(PDF) 223 Page - Altera Corporation

Part # PLL2_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C4 Datasheet(HTML) 223 Page - Altera Corporation

Back Button PLL2_C4 Datasheet HTML 219Page - Altera Corporation PLL2_C4 Datasheet HTML 220Page - Altera Corporation PLL2_C4 Datasheet HTML 221Page - Altera Corporation PLL2_C4 Datasheet HTML 222Page - Altera Corporation PLL2_C4 Datasheet HTML 223Page - Altera Corporation PLL2_C4 Datasheet HTML 224Page - Altera Corporation PLL2_C4 Datasheet HTML 225Page - Altera Corporation PLL2_C4 Datasheet HTML 226Page - Altera Corporation PLL2_C4 Datasheet HTML 227Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–65
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 9–21 lists the Cyclone III device family pin configuration.
Table 9–21. Cyclone III Device Family Configuration Pin Summary
Bank
Description
Input/Output
Dedicated
Powered By
Configuration Mode
1
FLASH_nCE, nCSO
Output
—
VCCIO
AS, AP (2)
6
CRC_ERROR
Output
—
VCCIO/Pull-up (1)
Optional, all modes
1
DATA[0]
Input
Yes
VCCIO
PS, FPP, AS
Bidirectional
VCCIO
AP (2)
1
DATA[1], ASDO
Input
—
VCCIO
FPP
Output
VCCIO
AS
Bidirectional
VCCIO
AP (2)
8
DATA[7..2]
Input
—
VCCIO
FPP
Bidirectional
VCCIO
AP (2)
8
DATA[15..8]
Bidirectional
VCCIO
AP (2)
6
INIT_DONE
Output
—
Pull-up
Optional, all modes
1
nSTATUS
Bidirectional
Yes
Pull-up
All modes
1
nCE
Input
Yes
VCCIO
All modes
1
DCLK
Input
Yes
VCCIO
PS, FPP
Output
VCCIO
AS, AP (2)
6
CONF_DONE
Bidirectional
Yes
Pull-up
All modes
1
TDI
Input
Yes
VCCIO
JTAG
1
TMS
Input
Yes
VCCIO
JTAG
1
TCK
Input
Yes
VCCIO
JTAG
1
nCONFIG
Input
Yes
VCCIO
All modes
6
CLKUSR
Input
—
VCCIO
Optional
6
nCEO
Output
—
VCCIO
Optional, all modes
6
MSEL[3..0]
Input
Yes
VCCINT
All modes
1
TDO
Output
Yes
VCCIO
JTAG
7
PADD[14..0]
Output
—
VCCIO
AP (2)
8
PADD[19..15]
Output
—
VCCIO
AP (2)
6
PADD[23..20]
Output
—
VCCIO
AP (2)
1
nRESET
Output
—
VCCIO
AP (2)
6
nAVD
Output
—
VCCIO
AP (2)
6
nOE
Output
—
VCCIO
AP (2)
6
nWE
Output
—
VCCIO
AP (2)
5
DEV_OE
Input
—
VCCIO
Optional, AP (2)
5
DEV_CLRn
Input
—
VCCIO
Optional, AP (2)
Notes to Table 9–21:
(1) In Cyclone III devices, the CRC_ERROR pin is a dedicated output by default. Optionally, you can enable the CRC_ERROR pin as an open-drain output
in the CRC Error Detection tab from the Device and Pin Options dialog box.
(2) AP configuration is for Cyclone III devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com