Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C4 Datasheet(PDF) 227 Page - Altera Corporation

Part # PLL2_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C4 Datasheet(HTML) 227 Page - Altera Corporation

Back Button PLL2_C4 Datasheet HTML 223Page - Altera Corporation PLL2_C4 Datasheet HTML 224Page - Altera Corporation PLL2_C4 Datasheet HTML 225Page - Altera Corporation PLL2_C4 Datasheet HTML 226Page - Altera Corporation PLL2_C4 Datasheet HTML 227Page - Altera Corporation PLL2_C4 Datasheet HTML 228Page - Altera Corporation PLL2_C4 Datasheet HTML 229Page - Altera Corporation PLL2_C4 Datasheet HTML 230Page - Altera Corporation PLL2_C4 Datasheet HTML 231Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–69
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
PADD[23..0]
I/O
AP (3)
Output
24-bit address bus from the Cyclone III device to the parallel
flash in AP mode. Connects to the A[24:1] bus on the
Micron P30 or P33 flash.
nRESET
I/O
AP (3)
Output
Active-low reset output. Driving the nRESET pin low resets
the parallel flash. Connects to the RST# pin on the Micron
P30 or P33 flash.
nAVD
I/O
AP (3)
Output
Active-low address valid output. Driving the nAVD pin low
during a read or write operation indicates to the parallel flash
that valid address is present on the PADD[23..0] address
bus. Connects to the ADV# pin on the Micron P30 or P33
flash.
nOE
I/O
AP (3)
Output
Active-low output enable to the parallel flash. Driving the nOE
pin low during a read operation enables the parallel flash
outputs (DATA[15..0]). Connects to the OE# pin on the
Micron P30 or P33 flash.
nWE
I/O
AP (3)
Output
Active-low write enable to the parallel flash. Driving the nWE
pin low during a write operation indicates to the parallel flash
that data on the DATA[15..0] bus is valid. Connects to the
WE#
pin on the Micron P30 or P33 flash.
Note to Table 9–22:
(1) If you are accessing the EPCS device with the ALTASMI_PARALLEL megafunction or your own user logic in user mode, in the Device and Pin
Options window of the Quartus II software, in the Dual-Purpose Pins category, select Use as regular I/O for this pin.
(2) To tri-state the AS configuration pins in user mode, turn on the Enable input tri-state on active configuration pins in user mode option from the
Device and Pin Options dialog box in the Configuration tab. This option tri-states the DCLK, DATA0, nCSO, and ASDO pins.
(3) AP configuration scheme is for Cyclone III devices only.
Table 9–22. Dedicated Configuration Pins on Cyclone III Device Family (Part 4 of 4)
Pin Name
User
Mode
Configuration
Scheme
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com