Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-5160 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-5160
Description  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-5160 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-5160 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
Desat Condition
Pin 6
UVLO
Detected on
(FAULT)
VIN+
VIN-
(VCC2 - VE)
Pin 14
Output
VOUT
X
X
Active
X
X
Low
X
X
X
Yes
Low
Low
Low
X
X
X
X
Low
X
High
X
X
X
Low
High
Low
Not Active
No
High
High
Typical Fault Protected IGBT Gate Drive Circuit
The ACPL-516x is an easy-to-use, intelligent gate driver
which makes IGBT VCE fault protection compact, afford-
able, and easy-to-implement. Features such as user con-
figurable inputs, integrated VCE detection, under volt-
Figure 1. Typical desaturation protected gate drive circuit, noninverting
Output Control
The outputs (VOUT and FAULT) of the ACPL-516x are con-
trolled by the combination of VIN, UVLO and a detected
IGBT Desat condition. As indicated in the below table, the
ACPL-516x can be configured as inverting or non-invert-
ing using the VIN+ or VIN- inputs respectively. When an in-
verting configuration is desired, VIN+ must be held high
and VIN- toggled. When a non-inverting configuration is
desired, VIN- must be held low and VIN+ toggled. Once
UVLO is not active (VCC2 - VE > VUVLO), VOUT is allowed to
go high, and the DESAT (pin 14) detection feature of the
ACPL-516x will be the primary source of IGBT protection.
UVLO is needed to ensure DESAT is functional. Once VU-
VLO+ > 11.6 V, DESAT will remain functional until VUVLO- <
12.4 V. Thus, the DESAT detection and UVLO features of
the ACPL-516x work in conjunction to ensure constant
IGBT protection.
* THESE COMPONENTS ARE ONLY REQUIRED WHEN NEGATIVE GATE DRIVE IS IMPLEMENTED.
Description of Operation during Fault Condition
1. DESAT terminal monitors the IGBTVCEvoltagethrough
DDESAT.
2. When the voltage on the DESAT terminal exceeds 7V,
the IGBT gate voltage (VOUT) is slowly lowered.
3. FAULT output goes low, notifying the microcontroller
of the fault condition.
4. Microcontroller takes appropriate action.
age lockout (UVLO),“soft”IGBT turn-off and isolated fault
feedback provide maximum design flexibility and circuit
protection.
+
–
+
–
*
*
*
CBLANK
DDESAT
RPULL-DOWN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
ACPL-516x
+
–
µC
RF
VF
+
–
RG
VCE
VCE
+
–
+
–
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com