Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10X Datasheet(PDF) 3 Page - CUI INC

Part # AMT10X
Description  MODULAR ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10X Datasheet(HTML) 3 Page - CUI INC

  AMT10X Datasheet HTML 1Page - CUI INC AMT10X Datasheet HTML 2Page - CUI INC AMT10X Datasheet HTML 3Page - CUI INC AMT10X Datasheet HTML 4Page - CUI INC AMT10X Datasheet HTML 5Page - CUI INC AMT10X Datasheet HTML 6Page - CUI INC AMT10X Datasheet HTML 7Page - CUI INC AMT10X Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
date
07/26/2013 │ page 3 of 8
CUI Inc
│ SERIES: AMT10X │ DESCRIPTION: MODULAR ENCODER
RESOLUTION SETTINGS
4
3
2
1
(off) 0
(on)1
Example setting: 500 PPR
DIP switch:
1. Insert Tool A as a spacer that defines the distance to the mounting surface.
2. Slide appropriate sized Sleeve over shaft all the way down to Tool A.
3. Slide Shaft Adaptor over Sleeve.
4. Use Tool B to press Shaft Adaptor over Sleeve until flush with Tool A.
5. Remove Tools A and B.
6. Place Base on motor, with Tool B used as a centering tool.
7. Fasten the Base on the motor.
8. Remove Tool B.
10. Make sure the snaps are fully engaged and the Top Cover is flush
with the Base.
11. When assembly is finished, the Shaft Adaptor should be about
flush with the front of the Encoder and the Motor Shaft should rotate freely.
9. Slide the Top Cover onto the Base, carefully observing that the teeth of
the Shaft Adaptor align with the grooves in the hub.
STEP 1
STEP 2
STEP 3
STEP 4
STEP 5
STEP 6
6a. Align Tool B with flange on Base.
6b. Slide Base and Tool B onto motor, centering onto the Shaft Adapter.
Align Tool B with
flange on Base
ASSEMBLY PROCEDURE
1 = On, 0 = Off
Resolution (PPR)
Maximum RPM
1234
2048
7500
0000
1024
7500
0010
1000
7500
1000
800
7500
0100
512
15000
0001
500
7500
1010
400
7500
0110
384
7500
1100
256
15000
0011
250
15000
1001
200
15000
0101
192
7500
1110
125
15000
1011
100
15000
0111
96
15000
1101
48
15000
1111



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com