Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL393D Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL393D
Description  Low Power Low Offset Voltage Dual Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL393D Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL393D Datasheet HTML 1Page - IK Semicon Co., Ltd IL393D Datasheet HTML 2Page - IK Semicon Co., Ltd IL393D Datasheet HTML 3Page - IK Semicon Co., Ltd IL393D Datasheet HTML 4Page - IK Semicon Co., Ltd IL393D Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I L 393
January 2011, Ver.03
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC=1.5V, TA=+25°C, (each comporator))
Figure 1. Input Bias Current versus Power
Supply Voltage
Figure 2. Output Saturation Voltage versus
Output Sink Current
Figure 3. Output Saturation Voltage versus Output Sink Current
Figure 4. Power Supply Current versus Power
Supply Voltage
Figure 5. Power Supply Current versus Power
Supply Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com