Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT303 Datasheet(PDF) 1 Page - CUI INC

Part # AMT303
Description  MODULAR ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303 Datasheet(HTML) 1 Page - CUI INC

  AMT303 Datasheet HTML 1Page - CUI INC AMT303 Datasheet HTML 2Page - CUI INC AMT303 Datasheet HTML 3Page - CUI INC AMT303 Datasheet HTML 4Page - CUI INC AMT303 Datasheet HTML 5Page - CUI INC AMT303 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 03/29/2013
page 1 of 6
SERIES: AMT303
│ DESCRIPTION: MODULAR ENCODER
ELECTRICAL
parameter
conditions/description
min
nom
max
units
power supply
4.5
5
5.5
V
current consumption
with unloaded outputs
8
10
mA
commutation output signals
U, V, W phase
commutation pole
2, 4, 6, 8, 10, 12, 20 (software programmable)
incremental output signals
A, B, Z (AMT303)
A, A, B, B, Z, Z (AMT303LD)
incremental output waveform
quadrature output square wave
quadrature output resolutions
96, 192, 200, 250, 384, 400, 500, 512, 800, 1000,
1024
PPR
index
one pulse per 360 deg.
quadrature output current
AMT303 (single ended) sink/source
AMT303LD (differential) sink/source
2
20
mA
position accuracy
0.2
deg
MECHANICAL
parameter
conditions/description
min
nom
max
units
max. rotational speed
8,000
RPM
mounting options
A) 2 x M1.6 on 16 mm (0.63”) bolt circle
B) 2 x #4 on 19.05 mm (0.75”) bolt circle
C) 2 x M1.6 or M2 on 20 mm (0.787”) bolt circle
D) 3 x M1.6 or M2 on 20.9 mm (0.823”) bolt circle
with washers in option B holes
E) 3 x M1.6 or M2 on 22 mm (0.866”) bolt circle
F) 4 x M1.6 or M2 on 25.4 mm (1”) bolt circle
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
-40
125
°C
humidity
non-condensing
85
%
vibration
10 ~ 500 Hz, 5 min. sweep, 2 hours each XYZ
5
G
shock
3 pulses, 6 ms, 3 each XYZ
200
G
FEATURES
• U, V, W commutation lines
• small size 37 mm
• line count up to 1024 PPR
• optional line driver output (303LD)
• single pulse index
• capacitive ASIC technology
• modular locking hub design for ease of installation
• 2, 4, 6, 8, 10, 12, or 20 pole motors
• 6 programmable functions
• ’One Touch’ commutation signal alignment
RoHS


Similar Part No. - AMT303

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
COMMUTATION ENCODER
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
MODULAR ENCODER
AMT303-0096-2000 CUI-AMT303-0096-2000 Datasheet
390Kb / 7P
COMMUTATION ENCODER
AMT303-0096-3000 CUI-AMT303-0096-3000 Datasheet
390Kb / 7P
COMMUTATION ENCODER
AMT303-0096-3175 CUI-AMT303-0096-3175 Datasheet
390Kb / 7P
COMMUTATION ENCODER
More results

Similar Description - AMT303

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
MODULAR ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
MODULAR ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
MODULAR COMMUTATION ENCODER
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
MODULAR ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
BME CUI-BME Datasheet
343Kb / 6P
modular incremental encoder
01/2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com