Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL494D Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL494D
Description  PWM Control Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL494D Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL494D Datasheet HTML 1Page - IK Semicon Co., Ltd IL494D Datasheet HTML 2Page - IK Semicon Co., Ltd IL494D Datasheet HTML 3Page - IK Semicon Co., Ltd IL494D Datasheet HTML 4Page - IK Semicon Co., Ltd IL494D Datasheet HTML 5Page - IK Semicon Co., Ltd IL494D Datasheet HTML 6Page - IK Semicon Co., Ltd IL494D Datasheet HTML 7Page - IK Semicon Co., Ltd IL494D Datasheet HTML 8Page - IK Semicon Co., Ltd IL494D Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
I L 494
2011, February, Rev. 02
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
41
V
VI
Amplifier Input Voltage
VCC +0.3
V
VO
Collector Output Voltage
41
V
Collector Output Current
250
mA
Tstg
Storage Temperature
-65 to +150
°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
7
40
V
VI
Amplifier Input Voltage
-0.3
VCC - 2
V
VO
Collector Output Voltage
40
V
Collector Output Current (Each Transistor)
200
mA
Current Into Feed back Terminal
0.3
mA
CT
Timing Capacitor
0.47
10.000
nF
RT
Timing Resistor
1.8
500
K
Ω
Oscillator Frequency
1
300
KHz
TA
Operating Free-Air Temperature
-20
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com