Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF804F Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF804F
Description  VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF804F Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF804F Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF804F Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
50 to 600 Volts
8.0 Amperes
FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Good for switching mode application
High temperature soldering :
•
260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
•
environment substance directive request
MECHANICAL DATA
• Case: Molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
• Polarity: As Marked
• Mounting position: Any
• Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SF801F
SF802F
SF803F
SF804F
SF805F
SF806F
SF807F
UNITS
Maximum Recurre nt Peak Reverse V oltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
320
420
V
Maximum DC Blo cking Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward Rect if ied Current
.375"(9.5mm) Lead Length at Tc=100
8.0
A
Peak For ward Surge Current , 8.3 ms single half s ine-wave
super imposed on rated load (J EDEC method)
125
A
Maximum I nstantaneous Forward Vol tage at 8.0A
0.95
1.30
1.70
V
Maxi mum DC Reverse Current Tc=25 °C
at Rated DC Block ing Vol tage Tc=100
10
500
µA
µA
Maximum Reverse Recovery Time (Note 1)
35
50
nS
Typi cal Junction Capaci tance (Note 2)
50
pF
Operating and Storage Temperature Range TJ, TSTG
-55 +150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
ITO-220AC Unit:inch(mm)
.161(4.1)
MAX
.130(3.3)
MAX
.185(4.8)
MAX
.272(6.9)
.248(6.3)
.055(1.4)
MAX
.035(0.9)
MAX
.100(2.55)
.543(13.8)
.512(13.0)
.100(2.55)
.114(2.9)
.098(2.5)
.032(0.8)
MAX
.606(15.4)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)MAX
.134(3.4)DIA
.113(3.0)DIA
DATA SHEET
SF801F~SF807F
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C


Similar Part No. - SF804F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF804F PACELEADER-SF804F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Dongguan City Niuhang E...
SF804F NIUHANG-SF804F Datasheet
339Kb / 3P
SUPER FAST RECTIFIERS
More results

Similar Description - SF804F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
WILLAS ELECTRONIC CORP
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS801 WILLAS-RS801 Datasheet
996Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
logo
Yea Shin Technology Co....
SF801 YEASHIN-SF801 Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
SF1001CT YEASHIN-SF1001CT Datasheet
67Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
SF1001FCT YEASHIN-SF1001FCT Datasheet
86Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com