Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1007CT Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # SF1007CT
Description  VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF1007CT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  SF1007CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF1007CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SF1001CT~SF1007CT
http://www.yeashin.com
2
REV.02 20110725
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
NO. OF CYCLE AT 60HZ
150
125
100
75
50
25
0
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
0
2
4
6
8
10
LEADLENGHTS
RESISTIVEORINDUCTIVE LOAD
0
20
40
60
80
100
120
140
160
CASE TEMPERAURE, C
O
.6
.8
1.0
1
1
.
.
4
6
1.2
1.8
40
10
1
.1
2.0
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
T =25 C
Pulse Width=200us
J
O
600V
300-400V
200V
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T = 75 C
J
O
T = 25 C
J
O
T = 125 C
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com