Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1007FCT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF1007FCT
Description  VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF1007FCT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF1007FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF1007FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
50 to 600 Volts
10.0 Amperes
FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Good for switching mode application
High temperature solde
•
ring : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
•
environment substance directive request
MECHANICAL DATA
• Case: Molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
• Polarity: As Marked
• Mounting position: Any
• Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SF1001FCT SF1002FCT SF1003FCT SF1004FCT SF1005FCT SF1006FCT SF1007FCT UNITS
Maximum Recurrent Peak Reverse V oltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
280
420
V
Maxi mum DC Blocki ng Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward Rect if ied Current
.375"(9.5mm) Lead Length at Tc=100
10.0
A
Peak Forward Surge Current , 8.3 ms single half
sine- wave
superimposed on rated load (J EDEC method)
150
A
Maximum I nstantaneous Forward Vol tage at
5.0A
0.95
1.30
1.70
V
Maxi mum DC Reverse Cur rent Tc=25
at Rated DC Blocking Vol tage Tc=100
10
500
uA
uA
Maximum Reverse Recovery Time (Note 1)
35
50
nS
Typi cal Junction Capaci tance (Note 2)
50
pF
Oper ati ng and Storage Temperature Range TJ,
TSTG
-55 +150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
ITO-220AB
Unit:inch(mm)
.161(4.1)
MAX
.130 (3.3 )
MAX
.185(4.8 )
MAX
.272(6.9)
.248(6.3)
.055(1.4)
MAX
.035(0.9)
MAX
.100(2.55)
.543(13.8)
.512(13.0 )
.100(2.55)
.11 4 (2.9 )
.098(2.5)
.03 2 (0.8 )
MAX
.606(15.4 )
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)MAX
.134(3.4)DIA
.113(3.0)DIA
AC
AC
Positive CT
DATA SHEET
SF1001FCT~SF1007FCT
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C
°C


Similar Part No. - SF1007FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1007FCT PACELEADER-SF1007FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - SF1007FCT

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBU10A DAESAN-KBU10A Datasheet
229Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
logo
Gaomi Xinghe Electronic...
MBR1035 GXELECTRONICS-MBR1035 Datasheet
332Kb / 2P
Voltage Range 35 to 200 Volts Current 10.0 Amperes
logo
Yea Shin Technology Co....
SF801 YEASHIN-SF801 Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
SF801F YEASHIN-SF801F Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
SF1001 YEASHIN-SF1001 Datasheet
38Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
SF1001CT YEASHIN-SF1001CT Datasheet
67Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com