Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB11EN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMPB11EN
Description  30 V N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB11EN Datasheet(HTML) 2 Page - NXP Semiconductors

  PMPB11EN Datasheet HTML 1Page - NXP Semiconductors PMPB11EN Datasheet HTML 2Page - NXP Semiconductors PMPB11EN Datasheet HTML 3Page - NXP Semiconductors PMPB11EN Datasheet HTML 4Page - NXP Semiconductors PMPB11EN Datasheet HTML 5Page - NXP Semiconductors PMPB11EN Datasheet HTML 6Page - NXP Semiconductors PMPB11EN Datasheet HTML 7Page - NXP Semiconductors PMPB11EN Datasheet HTML 8Page - NXP Semiconductors PMPB11EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PMPB11EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
2 of 15
NXP Semiconductors
PMPB11EN
30 V N-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
D
drain
SOT1220 (DFN2020MD-6)
2
D
drain
3
G
gate
4S
source
5
D
drain
6
D
drain
7
D
drain
8S
source
6
5
7
8
4
Transparent top view
1
2
3
S
D
G
017aaa253
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMPB11EN
DFN2020MD-6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals
SOT1220
Table 4.
Marking codes
Type number
Marking code
PMPB11EN
1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com