Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2D Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # U2D
Description  SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

U2D Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  U2D Datasheet HTML 1Page - Yea Shin Technology Co., Ltd U2D Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
http://www.yeashin.com
2
REV.02 20110725
U2A Thru U2M
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1.0
0.1
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
TYPICAL
TJ = 25 ¢J
U2A
U2G
U2M
2.0
1.0
25
50
75
100 125 150 175
SINGLE PHASE HALF WAVE
RESISTIVE OR INDUCTIVE
P.C.B MOUNTED ON
0.315×0.315"(8.0×8.0mm)
PAD AREAS
LEAD TEMPERATURE, ¢J
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1
0.1
1
10
100
TJ = 25 ¢J
f = 1.0MHz
Vsig = 50m Vp-p
REVERSE VOLTAGE, VOLTS
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-PEAK FORWARD SURGE CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com