Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807ZPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7807ZPBF
Description  Control FET for Notebook Processor Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807ZPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7807ZPBF Datasheet HTML 1Page - International Rectifier IRF7807ZPBF Datasheet HTML 2Page - International Rectifier IRF7807ZPBF Datasheet HTML 3Page - International Rectifier IRF7807ZPBF Datasheet HTML 4Page - International Rectifier IRF7807ZPBF Datasheet HTML 5Page - International Rectifier IRF7807ZPBF Datasheet HTML 6Page - International Rectifier IRF7807ZPBF Datasheet HTML 7Page - International Rectifier IRF7807ZPBF Datasheet HTML 8Page - International Rectifier IRF7807ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7807ZPbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.023
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11
13.8
m
Ω
–––
14.5
18.2
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.25
V
∆V
GS(th)
Gate Threshold Voltage Coefficient
–––
- 4.7
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
22
–––
–––
S
Qg
Total Gate Charge
–––
7.2
11
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.7
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.7
–––
Qgodr
Gate Charge Overdrive
–––
1.7
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.4
–––
Qoss
Output Charge
–––
2.8
–––
nC
RG
Gate Resistance
–––
2.5
4.8
Ω
td(on)
Turn-On Delay Time
–––
6.9
–––
tr
Rise Time
–––
6.2
–––
td(off)
Turn-Off Delay Time
–––
10
–––
ns
tf
Fall Time
–––
3.1
–––
Ciss
Input Capacitance
–––
770
–––
Coss
Output Capacitance
–––
190
–––
pF
Crss
Reverse Transfer Capacitance
–––
100
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
88
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
31
46
ns
Qrr
Reverse Recovery Charge
–––
17
26
nC
Conditions
Max.
63
8.8
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 11A
e
MOSFET symbol
VDS = 15V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 8.8A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 8.8A, VDD = 15V
di/dt = 100A/µs
e
TJ = 25°C, IS = 8.8A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 8.8A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 15V, ID = 8.8A
VDS = 24V, VGS = 0V, TJ = 125°C
–––
ID = 8.8A
VGS = 0V
VDS = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com