Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW2425 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CSW2425
Description  panel mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CSW2425 Datasheet(HTML) 1 Page - Crydom Inc.,

  CSW2425 Datasheet HTML 1Page - Crydom Inc., CSW2425 Datasheet HTML 2Page - Crydom Inc., CSW2425 Datasheet HTML 3Page - Crydom Inc., CSW2425 Datasheet HTML 4Page - Crydom Inc., CSW2425 Datasheet HTML 5Page - Crydom Inc., CSW2425 Datasheet HTML 6Page - Crydom Inc., CSW2425 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DataSheet
Panel Mount
CSW Series
• Ratings from 10A to 90A @ 24-280 V AC
• 3-32 V DC input range
• Low off-state leakage current (snubberless)
• SCR output for heavy industrial loads
• EMC Compliant for reliable operation in harsh environments
• Replaces the CSD/CSE series relays
For Generation 3 datasheet click here
• Direct bond copper substrate
• Direct power lead frame
• Epoxy free design
PRODUCT SELECTION
Control Voltage
10A
25A
50A
75A
90A
3-32 VDC
CSW2410
CSW2425
CSW2450
CSW2475
CSW2490
AVAILABLE OPTIONS
Series
Operating Voltage
24: 24-280 VAC
Rated Load Current
10: 10 Amp
25: 25 Amp
50: 50 Amp
75: 75 Amp
90: 90 Amp
Termination
Blank: Screw
F: Quick Connect (7)
K: Round standoffs for
PC Board mounting
Overvoltage Protection
Blank: Not Included
P: Included (8)
Input Status LED
Blank: Not Included
G: Included
Snubber
Blank: Not Included
S: Included
Thermal Pad
Blank: Not Included
H: Included
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (9)
CSW
24
10
K
P
G
S
H
-10
Required for valid part number
For options only and not required for valid part number
OUTPUT SPECIFICATIONS (1)
90A
75A
50A
25A
10A
Description
Operating Voltage (47-440Hz) [Vrms] (2)
24-280
24-280
24-280
24-280
24-280
Transient Overvoltage [Vpk]
600
600
600
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms] (3)
1.0
1.0
1.0
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
500
500
500
Maximum Load Current [Arms] (4)
10
25
50
75
90
Minimum Load Current [mArms]
150
150
150
150
150
Maximum 1 Cycle Surge Current (50/60) [Apk]
115/120
239/250
597/625
954/1000
1145/1200
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.15
1.15
1.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.03
0.8
0.45
0.3
0.27
Maximum I² t for Fusing 50/60Hz (1/2 cycle) [A² sec]
66/60
285/259
1770/1621
4555/4150
6560/5976
Minimum Power Factor (at Maximum Load)
0.5
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
Parameters
Control Voltage Range (5)
3-32 VDC
Minimum Turn-On Voltage
3 VDC
Minimum Turn-Off Voltage
1.0 VDC
Typical Input Current
10 mA @ 12 VDC
Nominal Input Impedance
Active Current Limiter
Maximum Turn-On Time [msec] (6)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - CSW2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CSW2425 CRYDOM-CSW2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CSW2425 CRYDOM-CSW2425 Datasheet
659Kb / 7P
Panel Mount
CSW2425FPGSH-10 CRYDOM-CSW2425FPGSH-10 Datasheet
659Kb / 7P
Panel Mount
CSW2425KPGSH-10 CRYDOM-CSW2425KPGSH-10 Datasheet
659Kb / 7P
Panel Mount
More results

Similar Description - CSW2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com