Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC6005 Datasheet(PDF) 3 Page - International Rectifier

Part # KBPC6005
Description  6A, 8A Single Phase Rectifier Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

KBPC6005 Datasheet(HTML) 3 Page - International Rectifier

  KBPC6005 Datasheet HTML 1Page - International Rectifier KBPC6005 Datasheet HTML 2Page - International Rectifier KBPC6005 Datasheet HTML 3Page - International Rectifier KBPC6005 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBPC6PbF, KBPC8PbF SERIES
Bulletin U2790 09/05
Outline (D-72 package)
All dimensions in millimetres(inches)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
09/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
1
-
Single Phase Rectifier Plastic Bridge
2
-
Current Ratings
3
-
Voltage Ratings (see Voltage Ratings table)
4
-
Lead-Free
KBPC
8
10
PbF
1
2
3
Ordering Information Table
Device Code
8 = 8A
6 = 6A
+
1.10(0.043)
0.90(0.035)
3.80(0.150)
Dia.
15.75(0.620)
14.75(0.580)
15.75(0.620)
14.75(0.580)
10.8(0.425)
10.0(0.394)
10.8(0.425)
10.0(0.394)
25.4(1.000)
Min.
5.33(0.210)
4.33(0.170)
Dia.
4
Document Number: 94360
www.vishay.com
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com