Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC8PBF Datasheet(PDF) 2 Page - International Rectifier

Part # KBPC8PBF
Description  6A, 8A Single Phase Rectifier Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

KBPC8PBF Datasheet(HTML) 2 Page - International Rectifier

  KBPC8PBF Datasheet HTML 1Page - International Rectifier KBPC8PBF Datasheet HTML 2Page - International Rectifier KBPC8PBF Datasheet HTML 3Page - International Rectifier KBPC8PBF Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBPC6PbF, KBPC8PbF SERIES
Bulletin U2790 09/05
V
RRM. Maximum repetitive
V
RSM. Maximum non-
peak reverse
repetitive peak
Part Number
voltage
reverse voltage
VV
KBPC6,KBPC8005
50
80
KBPC6, KBPC801
100
150
KBPC6, KBPC802
200
300
KBPC6, KBPC804
400
500
KBPC6, KBPC806
600
700
KBPC6, KBPC808
800
900
KBPC6, KBPC810
1000
1100
Voltage Ratings
Fig. 1 - Current Ratings (KBPC6PbF)
Fig. 2 - Current Ratings (KBPC8PbF)
Fig. 2 - Non-Repetititive Surge Ratings
(KBPC6PbF, KBPC8PbF)
10-2
10-1
1
10
Pulse Train Duration - s
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
Resistive Load
Capacitive Load
KBPC8...
0
20
40
60
80
100
120
140
160
Maximum Allowable Ambient Temperature - oC
10
9
8
7
6
5
4
3
2
1
0
Document Number: 94360
www.vishay.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com