Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT322ASPBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVT322ASPBF
Description  HEXFET Power MOSFET output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322ASPBF Datasheet(HTML) 3 Page - International Rectifier

  PVT322ASPBF Datasheet HTML 1Page - International Rectifier PVT322ASPBF Datasheet HTML 2Page - International Rectifier PVT322ASPBF Datasheet HTML 3Page - International Rectifier PVT322ASPBF Datasheet HTML 4Page - International Rectifier PVT322ASPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVT322APbF
www.irf.com
3
Electrical Specifications (-40°C ≤ T
A ≤ +85°C unless otherwise specified)
Figure 3. Typical Normalized On-Resistance
0.5 1.0 1.5 2.0
2.5
-0.5
-1.0
-1.5
-2.0
-2.5
-50
-100
-150
-200
50
100
150
200
250
-250
3.0
-3.0
Figure 2. Linearity Characteristics
20
40
60
80
100
0
0
100
200
150
50
2 mA
ILED = 5 mA
Figure 1. Typical Current Derating Curve
Figure 4. Typical Normalized Off-State Leakage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com