Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66344 Datasheet(PDF) 2 Page - EPCOS

Part # B66344
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66344 Datasheet(HTML) 2 Page - EPCOS

  B66344 Datasheet HTML 1Page - EPCOS B66344 Datasheet HTML 2Page - EPCOS B66344 Datasheet HTML 3Page - EPCOS B66344 Datasheet HTML 4Page - EPCOS B66344 Datasheet HTML 5Page - EPCOS B66344 Datasheet HTML 6Page - EPCOS B66344 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.3 mm–1
le
= 124 mm
Ae
= 420 mm2
Amin = 420 mm2
Ve
= 52100 mm3
Approx. weight 256 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information” )
Validity range:
K1, K2: 0.15 mm < s < 3.50 mm
K3, K4: 220 nH < AL < 2130 nH
Mate-
rial
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
N27
6800 +30/–20%
1600 310
< 9.50 (200 mT, 25 kHz, 100 °C)
B66344G0000X127
N87
7300 +30/–20%
1740 310
< 4.80 (100 mT, 100 kHz, 100 °C)
B66344G0000X187
Material
g
mm
AL value
approx.
nH
e
Ordering code
N27
2.50
0.05
295
70
B66344G2500X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
596
–0.769
992
–0.847
927
–0.865
N87
596
–0.769
950
–0.796
905
–0.873
B66344
Core
E 55/28/25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com