Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66357 Datasheet(PDF) 2 Page - EPCOS

Part # B66357
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66357 Datasheet(HTML) 2 Page - EPCOS

  B66357 Datasheet HTML 1Page - EPCOS B66357 Datasheet HTML 2Page - EPCOS B66357 Datasheet HTML 3Page - EPCOS B66357 Datasheet HTML 4Page - EPCOS B66357 Datasheet HTML 5Page - EPCOS B66357 Datasheet HTML 6Page - EPCOS B66357 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Round center leg particularly suitable
for use of thick winding wires or tapes
■
For compact winding design with
low leakage inductance
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.35 mm–1
le
= 90 mm
Ae
= 256 mm2
Amin = 252 mm2
Ve
= 23000 mm3
Approx. weight 119 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information” )
Validity range:
K1, K2: 0.15 mm < s < 3.50 mm
K3, K4: 180 nH < AL < 1800 nH
Material AL value
nH
e
BS*
mT
PV
W/set
Ordering code
N27
5600 +30/–20% 1560
320
< 4.4 (200 mT, 25 kHz, 100 °C)
B66357G0000X127
N87
5800 +30/–20% 1620
320
< 12.5 (200 mT, 100 kHz, 100 °C) B66357G0000X187
Material
g
mm
AL value
approx.
nH
e
Ordering code
N27
0.50
0.05
620
173
B66357G0500X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
360
–0.786
635
–0.847
590
–0.865
N87
360
–0.786
616
–0.796
574
–0.873
B66357
Core
ER 54/18/18



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com