Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1093 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HMC1093
Description  GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HMC1093 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HMC1093 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 6Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 7Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 8Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 9Page - List of Unclassifed Manufacturers HMC1093 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC1093
v00.0613
GaAs MMIC SUB HARMONIC
MIXER, 37 - 46.5 GHz
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS 0.0026” [0.066] SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
8. OVERALL DIE SIZE ± .002
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Absolute Maximum Ratings
Bias Voltage
+3.5V
RF Input Power
+18dBm
LO Input Power
+5dBm
Channel Temperature
175 °C
Continuous Pdiss (T = 85 °C)
(derate 15mW/ °C above 85 °C)
1.6
Thermal Resistance (RTH)
(channel to die bottom)
66.7 °C/W
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to 125°C
ESD Sensitivity (HBM)
Class 0, Passed 150V
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com