Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL03423P4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CSL03423P4
Description  CSL A4 Laser printable self-laminating labels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CSL03423P4 Datasheet(HTML) 1 Page - Tyco Electronics

  CSL03423P4 Datasheet HTML 1Page - Tyco Electronics CSL03423P4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Self-Laminating Labels
CSL A4 Laser printable self-laminating labels
62
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 1-05
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Tyco Electronics CSL is a laser printable, clear polyester film with a
permanent acrylic adhesive, supplied with a white or yellow
printable area, which is over-laminated upon application with the
clear section of the label.
Using the over-lamination process protects the printed area
against exposure to oil, solvents, water and abrasion.
Features and benefits
n
Manufactured with a white or yellow coated area for writing on,
and with a clear wrap to wind around a wire or cable to cover
the written legend and to protect it against impurities that
would cause the label to become illegible.
n
Protects printed information from chemicals and frequent
n
handling
n
Designed to withstand exposure to Solvents, salts, alkalis and
n
water
n
Can also be flagged around a wire rather than wrapped
Temperature rating
Operating temperature range
–30°C to +120°C
–22°F to +180°F
CSL 034 23 P 4
Part numbering system
Color
Material (Polyester)
Label width
Label height
Product family


Similar Part No. - CSL03423P4

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0406WBCW ROHM-CSL0406WBCW Datasheet
883Kb / 8P
Side view white LEDs
CSL0406WBCW ROHM-CSL0406WBCW Datasheet
413Kb / 11P
Side view white LEDs
CSL0406WBCW ROHM-CSL0406WBCW_17 Datasheet
413Kb / 11P
Side view white LEDs
CSL0416WBCW ROHM-CSL0416WBCW Datasheet
903Kb / 11P
CSL0416WBCW Series
2021.12 - Rev.009
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - CSL03423P4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WCD-318 MACOM-WCD-318 Datasheet
84Kb / 2P
Write-On Self-Laminating Dispensers
logo
List of Unclassifed Man...
TKM-75 ETC2-TKM-75 Datasheet
49Kb / 1P
TKM self-laminating write-on labels
logo
PANDUIT CORP.
LJSL21-Y3-1 PANDUIT-LJSL21-Y3-1 Datasheet
69Kb / 1P
CUSTOMER DRAWING OPTIMUMM SELF-SAM. SASER INKJET PRINTABLE LABELS
C060X020YJD PANDUIT-C060X020YJD Datasheet
56Kb / 1P
OPTIMUM C060X020YJD AND C060X020CBD COMPTER PRINTABLE LABELS
C075X025YJD PANDUIT-C075X025YJD Datasheet
51Kb / 1P
OPTIMUM C075X025YJD AND C075X025CBD COMPUTER PRINTABLE LABELS
C150X075YJD PANDUIT-C150X075YJD Datasheet
43Kb / 1P
OPTIMUM C150X075Y JD COMPUTER PRINTABLE LABELS
9-29-04
C10230 PANDUIT-C10230 Datasheet
45Kb / 2P
C100X050YJD AND C100X050CBD COMPUTER PRINTABLE LABELS
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
Self-Laminating Labels for Laser AND Ink Jet Printers
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
LASER INKJET PRINTABLE LABELS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com