Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42821 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE42821
Description  UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42821 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE42821 Datasheet HTML 2Page - Peregrine Semiconductor PE42821 Datasheet HTML 3Page - Peregrine Semiconductor PE42821 Datasheet HTML 4Page - Peregrine Semiconductor PE42821 Datasheet HTML 5Page - Peregrine Semiconductor PE42821 Datasheet HTML 6Page - Peregrine Semiconductor PE42821 Datasheet HTML 7Page - Peregrine Semiconductor PE42821 Datasheet HTML 8Page - Peregrine Semiconductor PE42821 Datasheet HTML 9Page - Peregrine Semiconductor PE42821 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Product Specification
PE42821
Page 6 of 12
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-13714-3 │ UltraCMOS® RFIC Solutions
Typical Performance Data @ 25°C, VDD = 3.3V, VssEXT = 0V unless otherwise noted
Figure 8. Active Port Return Loss vs. Temp
(RF1 Active)
Figure 9. Active Port Return Loss vs. VDD
(RF1 Active)
Figure 10. Isolation vs. Temp
(RFC–RFX, RFX Active)
Figure 11. Isolation vs. VDD
(RFC–RFX, RFX Active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com