Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66408 Datasheet(PDF) 2 Page - EPCOS

Part # B66408
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66408 Datasheet(HTML) 2 Page - EPCOS

  B66408 Datasheet HTML 1Page - EPCOS B66408 Datasheet HTML 2Page - EPCOS B66408 Datasheet HTML 3Page - EPCOS B66408 Datasheet HTML 4Page - EPCOS B66408 Datasheet HTML 5Page - EPCOS B66408 Datasheet HTML 6Page - EPCOS B66408 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
For DC/DC converters, storage chokes
and EMI suppression chokes
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.8 mm–1
le
= 59 mm
Ae
= 74 mm2
Amin = 73 mm2
Ve
= 4370 mm3
Approx. weight 22 g/set
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
N27
2400 +30/–20%
1520
< 0.80 (200 mT, 25 kHz, 100 °C)
B66408G0000X127
N87
2500 +30/–20%
1590
< 2.20 (200 mT, 100 kHz, 100 °C)
B66408G0000X187
N97
2600 +30/–20%
1650
< 2.05 (200 mT, 100 kHz, 100 °C)
B66408G0000X197
B66408
Core
EV 25/13/13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com