Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE43704DS Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE43704DS
Description  UltraCMOS짰 RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43704DS Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE43704DS Datasheet HTML 1Page - Peregrine Semiconductor PE43704DS Datasheet HTML 2Page - Peregrine Semiconductor PE43704DS Datasheet HTML 3Page - Peregrine Semiconductor PE43704DS Datasheet HTML 4Page - Peregrine Semiconductor PE43704DS Datasheet HTML 5Page - Peregrine Semiconductor PE43704DS Datasheet HTML 6Page - Peregrine Semiconductor PE43704DS Datasheet HTML 7Page - Peregrine Semiconductor PE43704DS Datasheet HTML 8Page - Peregrine Semiconductor PE43704DS Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Document No. DOC-16514-6 |
UltraCMOS® RFIC Solutions
Page 2 of 20
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
PE43704
Product Specification
Table 1. Electrical Specifications: 0.25 dB steps @ +25°C, VDD = 2.3V to 5.5V, VssEXT = 0V or
VDD = 3.4V to 5.5V, VssEXT = -3.4V (ZS = ZL = 50Ω) unless otherwise noted
Notes: 1. The input 1dB compression point is a linearity figure of merit. Refer to Table 5 for the RF input power PIN (50Ω)
2. To prevent negative voltage generator spurs, supply –3.4 volts to VssEXT
Parameter
Condition
Frequency
Min
Typ
Max
Unit
Operating frequency
9 kHz
6000 MHz
As shown
Attenuation range
0.25 dB Step
0 – 31.75
dB
Insertion loss
9 kHz – 2 GHz
2 GHz – 4 GHz
4 GHz – 6 GHz
1.3
1.7
2.4
1.4
1.9
2.7
dB
dB
dB
Attenuation error
9 KHz ≤4 GHz
+ (0.15 + 3% of
Attenuation Setting)
- (0.1 + 1% of
Attenuation Setting)
dB
dB
4 GHz – 6 GHz
+ (0.15 + 5% of
Attenuation Setting)
- 0.15
dB
dB
16 dB – 31.75 dB Attenuation settings
9 KHz ≤4 GHz
+ (0.15 + 3%
Attenuation Setting)
- (0.1 + 1% of
Attenuation Setting)
dB
dB
4 GHz – 6 GHz
+ (0.25 + 5% of
Attenuation Setting)
0.0
dB
dB
Return loss
Input port
9 kHz – 4 GHz
4 GHz – 6 GHz
20
15
dB
dB
Return loss
Output port
9 kHz – 4 GHz
4 GHz – 6 GHz
17
13
dB
dB
Relative phase
0 dB – 31.75 dB Attenuation settings
9 kHz – 6 GHz
58
deg
Input 1dB compression point1
50 MHz – 6 GHz
32
34
dBm
IIP3
Two tones at +18 dBm, 20 MHz spacing
50 MHz – 6 GHz
61
dBm
Typical spurious value2
VssEXT = 0V
–140
dBm
RF Trise/Tfall
10% / 90% RF
600
ns
Settling time
RF settled to within 0.05 dB of final value
2
µs
Switching time
50% CTRL to 90% or 10% RF
1.1
µs
0 dB – 15.75 dB Attenuation settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com