Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74N652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC74N652
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC74N652 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC74N652 Datasheet HTML 1Page - NXP Semiconductors 74HC74N652 Datasheet HTML 2Page - NXP Semiconductors 74HC74N652 Datasheet HTML 3Page - NXP Semiconductors 74HC74N652 Datasheet HTML 4Page - NXP Semiconductors 74HC74N652 Datasheet HTML 5Page - NXP Semiconductors 74HC74N652 Datasheet HTML 6Page - NXP Semiconductors 74HC74N652 Datasheet HTML 7Page - NXP Semiconductors 74HC74N652 Datasheet HTML 8Page - NXP Semiconductors 74HC74N652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 August 2012
2 of 21
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
4.
Functional diagram
74HC74PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT74PW
74HC74BQ
40 C to +125 C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT74BQ
Table 1.
Ordering information …continued
Type number
Package
Temperature range
Name
Description
Version
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Functional diagram
mna418
RD
FF
SD
410
Q
1Q
2Q
1Q
2Q
5
9
2
12
3
11
6
8
Q
1SD
CP
2CP
1CP
2D
1D
D
2SD
113
1RD 2RD
mna419
6
3
2
C1
4
S
1D
1
R
5
8
11
12
C1
10
S
1D
13
R
9
RD
FF
SD
4
Q
1Q
1Q
5
2
3
6
Q
1SD
CP
1CP
1D
D
1
1RD
mna420
RD
FF
SD
10
Q
2Q
2Q
9
12
11
8
Q
2SD
CP
2CP
2D
D
13
2RD
Fig 4.
Logic diagram for one flip-flop
mna421
SD
CP
RD
D
C
C
Q
C
C
C
C
C
C
Q
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com